Part Number Hot Search : 
C34004 30402 E007249 V375B 2SK25031 BA130 00500 BAV201
Product Description
Full Text Search
 

To Download 2SD2579 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:5795
NPN Triple Diffused Planar Silicon Transistor
2SD2579
Color TV Horizontal Deflection Output Applications
Features
* High speed. * High breakdown voltage (VCBO=1500V). * High reliability (Adoption of HVP process). * Adoption of MBIT process.
Package Dimensions
unit:mm 2039D
[2SD2579]
3.4 16.0 5.6 3.1
5.0 8.0 21.0 22.0
2.8 2.0
4.0
2.0
20.4
1.0
0.6
1
2
3
2.0
1:Base 2:Collector 3:Emitter SANYO:TO3PML
5.45
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (pulse) Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP PC Conditions Ratings 1500 800 6 8 20 3.0 Unit V V V A A W W
3.5
5.45
Tc=25C
Tj Tstg
60 150 -55 to +150
C C
Electrical Characteristics at Ta = 25C
Parameter Collector Cutoff Current Collector Cutoff Current Collector Sustain Voltage Emitter Cutoff Current Symbol ICBO ICES VCB=800V, IE=0 800 1.0 Conditons Ratings min typ max 10 1.0 Unit A mA V mA
VCE=1500V, RBE=0 VCEO(sus) IC=100mA, IB=0 IEBO VEB=4V, IC=0
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
O3098TS (KOTO) TA-1136 No.5795-1/4
2SD2579
Continued from preceding page.
Parameter Collector-to-Emitter Saturation Voltage Base-to-Emitter Saturation Voltage DC Current Gain Fall Time Symbol VCE(sat) VBE(sat) hFE1 hFE2 tf IC=5A, IB=1A IC=5A, IB=1A VCE=5V, IC=1A VCE=5V, IC=5A IC=4A, IB1=0.8A, IB2=-1.6A 20 5 Conditons Ratings min typ max 5 1.5 35 8 0.3 s Unit V V
Switching Time Test Circuit
PW=20s DC1% INPUT
IB1 IB2 OUTPUT RB VR RL=50 + 100F + 470F
50
VBE=-2V
VCC=200V
8 7
I C - VCE
1.4A 1.6A
1.8A
2.0A
9 8
I C - VBE
VCE = 5V
Collector Current, IC - A
6 5 4 3 2 1 0 0
1.2A 1.0A 0.8A
0.6A
0.4A
Collector Current, IC - A
7 6 5
Ta =
25C
0.8
0.2A
120
4 3 2 1
C
0.2 0.4 0.6
IB = 0
1 2 3 4 5 6 7 8 9 10
0 0
- 40
1.0
C
1.2
1.4
Collector-to-Emitter Voltage, VCE - V
7 5
Base-to-Emitter Voltage, VBE - V
7 5
hFE - I C
VCE = 5V
VCE(sat) - I C
IC /IB = 5
Collector-to-Emitter Saturation Voltage, VCE (sat) -V
Ta= 120C
3
3 2 1.0 7 5 3 2 0.1 7 5
25C
-40C
DC Current Gain, hFE
2
10 7 5 3 2
Ta= -40C
25C
1.0 7 7 0.1 2 3 5 7 1.0 2 3 5 7 10
120C
2 3 5 7 1.0 2 3 5 7 10
3 7 0.1
Collector Current, IC - A
Collector Current, IC - A
No.5795-2/4
2SD2579
C
7 5
C
10 7 5 3 2 1.0 7 5 3 2 0.1
SW Time - I C
Switching Time, SW Time - s
t stg
SW Time - I B2
t st
g
VCC = 200V IC =4A IB1 =0.8A R load
Switching Time, SW Time - s
3 2
1.0 7 5 3 2 VCC = 200V
tf
tf
IC /IB1 = 5 0.1 IB2 /IB1 = 2 R load
7 7 0.1 2 3 5 7 1.0 2 3 5 7 10
7 7
0.1
2
3
5
7
1.0
2
3
5
7
Collector Current, IC - A
5 3I CP 2
Base Current, IB2 - A
5 3 2
Forward Bias A S O
=1 PT
Reverse Bias A S O
Collector Current, IC - A
Collector Current, IC - A
10 I C 7 5 3 2 1.0 7 5 3 2 0.1 7 5 Tc = 25C 3 1 pulse 2 5 7 10
00 s
PC
=6
0W
10 7 5 3 2 1.0 7 5 3 IB2 = -2A 2 Tc = 25C
30 s 0
10 ms
D C op er at io n
1m s
L = 500H
2
3
5
7 100
2
3
5
7 1000
0.1 5
1 pulse
7 100 2 3 5 7 1000 2 3
Collector-to-Emitter Voltage, VCE - V
4
Collector-to-Emitter Voltage, VCE - V
80
P C - Ta
Collector Dissipation, PC - W
P C - Tc
Collector Dissipation, PC - W
3
60
2
No he at sin k
40
1
20
0 0
20
40
60
80
100
120
140
160
0
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta - C
Case Temperature, Tc - C
No.5795-3/4
2SD2579
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of October, 1998. Specifications and information herein are subject to change without notice.
PS No.5795-4/4


▲Up To Search▲   

 
Price & Availability of 2SD2579

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X